|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HI-SINCERITY MICROELECTRONICS CORP. Spec. No. : HE9001 Issued Date : 1996.02.28 Revised Date : 2002.03.04 Page No. : 1/3 HI31C NPN EPITAXIAL PLANAR TRANSISTOR Description The HI31C is designed for use in general purpose amplifier and switching applications. Absolute Maximum Ratings (Ta=25C) TO-251 * Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (Tc=25C) ..................................................................................... 15 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage..................................................................................... 100 V BVCEO Collector to Emitter Voltage.................................................................................. 100 V BVEBO Emitter to Base Voltage............................................................................................ 5 V IC Collector Current .............................................................................................................. 3 A Characteristics (Ta=25C) Symbol BVCBO BVCEO ICES ICEO IEBO *VCE(sat) *VBE(on) *hFE1 *hFE2 fT Min. 100 100 25 10 3 Typ. Max. 20 50 1 1.2 1.8 50 Unit V V uA uA mA V V Test Conditions IC=1mA, IE=0 IC=30mA, IB=0 VCE=100V, VEB=0 VCE=60V, IB=0 VEB=5V, IC=0 IC=3A, IB=375mA VCE=4V, IC=3A VCE=4V, IC=1A VCE=4V, IC=3A VCE=10V, IC=500mA, f=1MHz *Pulse Test : Pulse Width 380us, Duty Cycle2% MHz HI31C HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. Characteristics Curve Current Gain & Collector Current 100 1000 VCE(sat) @ IC=8IB Spec. No. : HE9001 Issued Date : 1996.02.28 Revised Date : 2002.03.04 Page No. : 2/3 Saturation Voltage & Collector Current 125 C o Saturation Voltage (mV) 25 C o hFE 25 C o 75 C o 75 C 100 125 C o o hFE @ VCE=4V 10 1 10 100 1000 10000 10 1 10 100 1000 10000 Collector Current-IC (mA) Collector Current-IC (mA) ON Voltage & Collector Current 10000 VBE(ON) @ VCE=4V 10.0 Switching Time & Collector Current VCC=30V, IC=10IB1=-10IB2 1000 Switching Times (us).. . ON Voltage (mV) 25 C o 1.0 Tst Ton Tf 125 C o 75 C o 100 1 10 100 1000 10000 0.1 0.1 1.0 10.0 Collector Current-IC (mA) Collector Current (mA) Capacitance & Reverse-Biased Voltage 100 100000 PT=1ms 10000 PT=100ms Safe Operating Area Collector Current-IC (mA) Capacitance (pF) PT=1s 1000 Cob 10 100 10 1 0.1 1 10 100 1 1 10 100 Reverse-Biased Voltage (V) Forward Voltage-VCE (V) HI31C HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. TO-251 Dimension Marking: Spec. No. : HE9001 Issued Date : 1996.02.28 Revised Date : 2002.03.04 Page No. : 3/3 A B C D H 31C Date Code I Control Code F 3 I E K 2 1 G Style: Pin 1.Base 2.Collector 3.Emitter H J 3-Lead TO-251 Plastic Package HSMC Package Code: I *: Typical DIM A B C D E F Inches Min. Max. 0.0177 0.0217 0.0354 0.0591 0.0177 0.0236 0.0866 0.0945 0.2520 0.2677 0.2677 0.2835 Millimeters Min. Max. 0.45 0.55 0.90 1.50 0.45 0.60 2.20 2.40 6.40 6.80 6.80 7.20 DIM G H I J K Inches Min. Max. 0.2559 *0.1811 0.0354 0.0315 0.2047 0.2165 Millimeters Min. Max. 6.50 *4.60 0.90 0.80 5.20 5.50 Notes: 1.Dimension and tolerance based on our Spec. dated May. 24,1995. 2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office. Material: * Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 Important Notice: * All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: * Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931 HI31C HSMC Product Specification |
Price & Availability of HI31C |